Part Number Hot Search : 
C2535A TLGC191P TC11CP 2E221 RF203 2E221 T2802B CRO2330A
Product Description
Full Text Search
 

To Download BUZ74A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 74 A
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 74 A
VDS
500 V
ID
2.1 A
RDS(on)
4
Package TO-220 AB
Ordering Code C67078-S1314-A3
Maximum Ratings Parameter Continuous drain current Symbol Values 2.1 Unit A
ID IDpuls
8.5
TC = 27 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
2.4 5 mJ
ID = 2.4 A, VDD = 50 V, RGS = 25 L = 56.3 mH, Tj = 25 C
Gate source voltage Power dissipation 180
VGS Ptot
20 40
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 3.1 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 74 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
500 3 0.1 10 10 3.5 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 500 V, VGS = 0 V, Tj = 25 C VDS = 500 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 4
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 1.5 A
Semiconductor Group
2
07/96
BUZ 74 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
1.8 2.1 450 50 20 -
S pF 675 75 30 ns 8 12
VDS 2 * ID * RDS(on)max, ID = 1.5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Rise time
tr
40 60
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Turn-off delay time
td(off)
50 65
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Fall time
tf
30 40
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Semiconductor Group
3
07/96
BUZ 74 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1 300 2.5 2.1 8.5 V 1.3 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 4.8 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 74 A
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
2.2 A
45 W
Ptot
35 30 25 20 15
ID
1.8 1.6 1.4 1.2 1.0 0.8 0.6
10 5 0 0
0.4 0.2 0.0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
A
K/W
ID
10 1
t = 26.0s p
100 s
ZthJC
10 0
10 0
DS (o n)
=
V
D
S
/
I
D
1 ms
10 -1 D = 0.50 0.20
R
10 ms
0.10 10 -2 0.05 0.02 single pulse 0.01
10 -1 DC
10 -2 0 10
10
1
10
2
V 10
3
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 74 A
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
5.0 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
13
Ptot = 40W
l kj i h g f e
VGS [V] a 4.0
b 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
11
a
b
ID
4.0 3.5 3.0 2.5 2.0 1.5 1.0
RDS (on)
10 9 8 7
c
c
d
d e f g h i
6
d
c
5 4 3
j k l
e g h i j f
b
2 1 V 55
0.5
a
VGS [V] =
a 4.5 4.0 5.0 b 5.5 c 6.0 d 6.5 e f 7.0 7.5 g 8.0 h i j 9.0 10.0 20.0
0.0 0 10 20 30 40
0 0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
A
3.6
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
4.5 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
4.0
S
ID
3.5 3.0
gfs
3.0
2.5 2.5 2.0 2.0 1.5 1.5 1.0 0.5 0.0 0 1 2 3 4 5 6 7 8 V 10 1.0
0.5 0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS
A ID
4.0
Semiconductor Group
6
07/96
BUZ 74 A
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 1.5 A, VGS = 10 V
16
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V
RDS (on) VGS(th)
12
98%
4.0 3.6 3.2
typ
10
2.8 2.4 2.0
8
2%
6
98% typ
1.6 1.2 0.8
4
2 0 -60
0.4 0.0 -60 -20 20 60 100 C 160
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 1
nF C 10 0
A
IF
10 0
Ciss
10 -1
10 -1
Tj = 25 C typ Coss Tj = 150 C typ Tj = 25 C (98%) Crss
10 -2 0 5 10 15 20 25 30 V VDS 40 10 -2 0.0 0.4 0.8
Tj = 150 C (98%)
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 74 A
Avalanche energy EAS = (Tj ) parameter: ID = 2.4 A, VDD = 50 V RGS = 25 , L = 56.3 mH
190 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 4 A
16
V 160
EAS
140 120 100 80
VGS
12
10 0,2 VDS max 8 0,8 VDS max
6 60 4 40 20 0 20 2 0 40 60 80 100 120 C 160 0 4 8 12 16 20 24 28 nC 36
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
600 V 580
V(BR)DSS 570
560 550 540 530 520 510 500 490 480 470 460 450 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 74 A
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ74A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X